PART |
Description |
Maker |
IRFBL10N60A |
N-Channel SMPS MOSFET(N娌?? 寮??妯″??垫?MOS?烘?搴??,?ㄤ?楂????C-DC杞???? HEXFET Power MOSFET HEXFET? Power MOSFET 11 A, 600 V, 0.61 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 11A I(D) | TO-263VAR
|
IRF[International Rectifier] VISHAY SILICONIX
|
VUM33-05N VUM33-05 IXYSCORP-VUM33-05N |
Power MOSFET Stage for Boost Converters 47 A, 500 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET From old datasheet system Power Factor Correction Modules: MOSFET
|
IXYS, Corp. IXYS[IXYS Corporation]
|
IRFR6215PBF IRFU6215PBF IRFR6215TR IRFR6215TRL IRF |
Advanced Process Technology HEXFET㈢ Power MOSFET HEXFET? Power MOSFET 13 A, 150 V, 0.295 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252AA 175°C Operating Temperature
|
International Rectifier
|
AUIRF3710ZSTRL AUIRF3710ZSTRR AUIRF3710Z AUIRF3710 |
HEXFET垄莽 Power MOSFET HEXFET? Power MOSFET 59 A, 100 V, 0.018 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
International Rectifier
|
IRFUC20 IRFRC20 IRFUC20PBF |
600V Single N-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.0A) (IRFRC20 / IRFUC20) Power MOSFET
|
IRF[International Rectifier]
|
IXFT74N20 IXFR90N20 IXFE24N100 |
HIPERFET POWER MOSFETs 74 A, 200 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-268 90 A, 200 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET ISOPLUS247, 3 PIN Single MOSFET Die 22 A, 1000 V, 0.39 ohm, N-CHANNEL, Si, POWER, MOSFET
|
IXYS, Corp.
|
IXTA4N60P IXTU4N60P IXTY4N60P |
MOSFET N-CH 600V 4A D2-PAK 4 A, 600 V, 2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB PolarHV Power MOSFET
|
IXYS, Corp. IXYS Corporation
|
IRFP230 SSH40N15A SSH20N50A IRFP330 SSH60N10A |
9 A, 200 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P 40 A, 150 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P 20 A, 500 V, 0.25 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P 5.5 A, 400 V, 1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P 60 A, 100 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P
|
FAIRCHILD SEMICONDUCTOR CORP
|
IRFZ30-005 IRFZ22-012 IRFZ25-012 IRF733-005PBF IRF |
30 A, 50 V, 0.05 ohm, N-CHANNEL, Si, POWER, MOSFET 14 A, 50 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET 16 A, 60 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET 4.5 A, 350 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET 9.2 A, 80 V, 0.27 ohm, N-CHANNEL, Si, POWER, MOSFET 28 A, 80 V, 0.077 ohm, N-CHANNEL, Si, POWER, MOSFET 2.6 A, 200 V, 2.4 ohm, N-CHANNEL, Si, POWER, MOSFET 50 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET 10 A, 350 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET 3.3 A, 150 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET 5.6 A, 80 V, 0.54 ohm, N-CHANNEL, Si, POWER, MOSFET 30 A, 60 V, 0.05 ohm, N-CHANNEL, Si, POWER, MOSFET 13 A, 250 V, 0.34 ohm, N-CHANNEL, Si, POWER, MOSFET 18 A, 200 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET 4.4 A, 250 V, 1.1 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Bourns, Inc. Molex, Inc. VISHAY INTERTECHNOLOGY INC
|
IRFBE30L IRFBE30S |
800V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET㈢ Power MOSFET HEXFET? Power MOSFET
|
International Rectifier
|
IRFIZ24N IRFIZ24NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=14A)
|
IRF[International Rectifier]
|
|